Part Number Hot Search : 
DSP16 ADP3290 MMSZ27 XXXFSL 2SC5004 CGA10345 CPC1117 08500109
Product Description
Full Text Search
 

To Download EFTP101LGN103MR95N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS Inverter-use screw terminal, 85C
@Ideal for inverter smoothing capacitors such as Electric Vehicle, Hybrid Car, etc. @Endurance with ripple current : 85C 5000 hours @Rated voltage range : 63 to 450Vdc @Lower profile offers drastic space saving comparing to conventional cylindrical type @Superior heat radiation realizes higher ripple current
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics Endurance -40 to +85C (63K100Vdc), -25 to +85C (350K450Vdc) 63 to 450Vdc P20% (M) I=0.02CV or 5mA, whichever is smaller. Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) 0.25 max.
Characteristics
(at 20C, 120Hz) (at 20C after 5 minutes)
Capacitance change
Shelf Life
(at 20C, 120Hz) 63 to 100Vdc : C(-40C)/C(+20C)]0.6 350 to 450Vdc : C(-25C)/C(+20C)]0.7 (at 120Hz) The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated ripple current is applied for 5000 hours at 85C. Capacitance change [P20% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 85C without voltage applied. Capacitance change [P20% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value
?DIMENSIONS (Screw-Mount) [mm]
@Terminal Code : LG @Size Code : L
Sleeve 67+3max. 61+3max. 31P0.5 70+3max.
@Size Code : R
Sleeve 64+3max. 28.6P0.5 35+3max.
Vent 2-M5 L+2max. 23+3max. L+11max. 2.4P0.5 26+3max.
Vent 2-M5 L+2max. 32+3max. L+12max. 2.9P0.5
Plus hexagon-headed screw: M5B0.8 Maximum screw tightening torque: 3.23Nm
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
E F T P AAA LG N AAA M AAA N
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 270MF:271,10000MF:103) Mounting clamp code Terminal code Voltage code (ex. 63V:630,100V:101,450V:451) Series code Category
Please refer to "A guide to global code (screw-mount terminal type)"
(1/2)
CAT. No. E1001E
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS Inverter-use screw terminal, 85C
?STANDARD RATINGS
WV (Vdc) Cap (mF) 6000 12000 17000 7400 15000 21000 4300 8600 12000 5300 10000 15000 2900 5700 8100 3600 7100 10000 Rated ripple Case size current tane HbWbL(mm) (Arms/ 85c,10kHz) 26B70B50 26B70B75 26B70B95 35B64B50 35B64B75 35B64B95 26B70B50 26B70B75 26B70B95 35B64B50 35B64B75 35B64B95 26B70B50 26B70B75 26B70B95 35B64B50 35B64B75 35B64B95 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 14.0 19.0 22.0 16.1 21.7 25.3 14.0 19.0 22.0 16.1 21.7 25.3 14.0 19.0 22.0 16.1 21.7 25.3 Part No. WV (Vdc) Cap (mF) 400 800 1100 490 970 1400 330 660 930 400 800 1100 270 540 760 330 660 930 Rated ripple Case size current tane HbWbL(mm) (Arms/ 85c,10kHz) 26B70B50 26B70B75 26B70B95 35B64B50 35B64B75 35B64B95 26B70B50 26B70B75 26B70B95 35B64B50 35B64B75 35B64B95 26B70B50 26B70B75 26B70B95 35B64B50 35B64B75 35B64B95 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 10.6 15.7 18.7 11.9 17.6 21.0 10.6 15.7 18.7 11.9 17.6 21.0 10.1 15.0 18.0 11.4 16.7 20.1 Part No.
63
80
100
EFTP630LGN602ML50N EFTP630LGN123ML75N EFTP630LGN173ML95N EFTP630LGN742MR50N EFTP630LGN153MR75N EFTP630LGN213MR95N EFTP800LGN432ML50N EFTP800LGN862ML75N EFTP800LGN123ML95N EFTP800LGN532MR50N EFTP800LGN103MR75N EFTP800LGN153MR95N EFTP101LGN292ML50N EFTP101LGN572ML75N EFTP101LGN812ML95N EFTP101LGN362MR50N EFTP101LGN712MR75N EFTP101LGN103MR95N
350
400
450
EFTP351LGN401ML50N EFTP351LGN801ML75N EFTP351LGN112ML95N EFTP351LGN491MR50N EFTP351LGN971MR75N EFTP351LGN142MR95N EFTP401LGN331ML50N EFTP401LGN661ML75N EFTP401LGN931ML95N EFTP401LGN401MR50N EFTP401LGN801MR75N EFTP401LGN112MR95N EFTP451LGN271ML50N EFTP451LGN541ML75N EFTP451LGN761ML95N EFTP451LGN331MR50N EFTP451LGN661MR75N EFTP451LGN931MR95N
?Improvement of space factor and heat radiation
Dead spaces are found for the conventional cylindrial shape. But lower profile offers small dead spaces, and makes the equipments smaller in size. Moreover, the internal element of the lower profile capacitor is widely touched to the can. This largely improves the heat radiation compared to the cylindrical shape.
Cylindrical shape
FTP series
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EFTP101LGN103MR95N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X